Part Number Hot Search : 
TDA68122 2SD1026 7823A KD30GB80 PM537CE 3M016 MLX90 24AA16
Product Description
Full Text Search
 

To Download TSOP18UH3V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP18..UH3V
Vishay Semiconductors
Photo Modules for PCM Remote Control Systems
Available Types For Different Carrier Frequencies
Type TSOP1830UH3V TSOP1836UH3V TSOP1838UH3V TSOP1856UH3V fo 30 kHz 36 kHz 38 kHz 56 kHz Type TSOP1833UH3V TSOP1837UH3V TSOP1840UH3V fo 33.0 kHz 36.7 kHz 40.0 kHz
Description
The TSOP18..UH3V - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the reliable function even in disturbed ambient and the protection against uncontrolled output pulses.
16661
Features
D Photo detector and preamplifier in one package D Internal filter for PCM frequency D TTL and CMOS compatibility D Output active low D Improved shielding against electrical field disturbance D Suitable burst length 6 cycles/burst
Special Features
D Small size package D Supply voltage 3-6 Volt D Enhanced immunity against all kinds of disturbance light D No occurrence of disturbance pulses at the output D Short settling time after power on (<200 s)
Block Diagramm
3 Input Control Circuit VS
80 kW 1 OUT
PIN AGC Band Pass Demodulator 2
GND
16249
Document Number 82103 Rev. 3, 03-May-02
www.vishay.com 1 (7)
TSOP18..UH3V
Vishay Semiconductors Absolute Maximum Ratings
Tamb = 25C Parameter Supply Voltage Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature (Tamb x 85 C) t x 10 s, 1 mm from case (Pin 3) (Pin 3) (Pin 1) (Pin 1) Test Conditions Symbol VS IS VO IO Tj Tstg Tamb Ptot Tsd Value -0.3...6.0 5 -0.3...6.0 5 100 -25...+85 -25...+85 50 260 Unit V mA V mA C C C mW C
Basic Characteristics
Tamb = 25C Parameter Supply Current ( y (Pin 3) ) Supply Voltage (Pin 3) Transmission Distance Ev = 0, test signal see fig.6, IR diode TSAL6200, IF = 300 mA Pulse width tolerance: tpii - 4/fo < tpo < tpii + 5/fo, test signal see fig.6 Angle of half transmission distance Test Conditions VS = 3 V, Ev = 0 VS = 3 V, Ev = 40 klx, sunlight Symbol Min. ISD ISH VS d VOSL Ee min Ee min Ee max 1/2 30 45 0.3 0.4 3.0 35 250 0.5 0.7 0.5 Typ. 0.75 1.0 6.0 Max. 1.0 Unit mA mA V m mV mW/m 2 mW/m 2 W/m 2 deg
Output Voltage Low (Pin 1) IOSL = 0.5 mA,Ee = 0.7 mW/m2, f = fo Irradiance (30 - 40 kHz) Irradiance (56 kHz) Irradiance Directivity
Application Circuit
100 W *) 3 TSOP18..UH3V TSAL62.. 1 4.7 mF *) >10 kW optional +5V
mC
2
16168
GND
*) recommended to suppress power supply disturbances
www.vishay.com 2 (7)
Document Number 82103 Rev. 3, 03-May-02
TSOP18..UH3V
Vishay Semiconductors Suitable Data Format
The circuit of the TSOP18..UH3V is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal (not suppressed) and disturbance signal (supressed) are carrier frequency, burst length and Signal Gap Time (see diagram below). The data signal should fullfill the following condition: * Carrier frequency should be close to center frequency of the bandpass (e.g. 38 kHz). * Burst length should be 6 cycles/burst or longer. * After each burst a gap time of at least 9 cycles is neccessary. * The data format should not make a continuous signal transmission. There must be a Signal Gap Time (longer than 25 ms) at least each 150 ms (see figure A) Some examples for suitable data format are: NEC Code (repetitive pulse), NEC Code (repetitive data), Toshiba Micom Format, Sharp Code, RC5 Code, RECS-80 Code, R-2000 Code. When a disturbance signal is applied to the TSOP18..UH3V it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP18..UH3V are: * DC light (e.g. from tungsten bulb or sunlight), * Continuous signal at 38 kHz or at any other frequency, * Signals from fluorescent lamps (see figure B). * Continuous IR signal (e.g. 1 ms burst, 2 ms pause)
Signal Gap Time
0
20
40
60 time [ms]
80
100
120
140
Figure A: Data Signal (Output of IR Receiver) with a Signal Gap Time of 20ms
Signal Gap Time
0
2
4
6
8
10 time [ms]
12
14
16
18
20
Figure B: Disturbance Signal from Fluorescent Lamp with Signal Gap Time of 7ms
Document Number 82103 Rev. 3, 03-May-02 www.vishay.com 3 (7)
TSOP18..UH3V
Vishay Semiconductors Typical Characteristics (Tamb = 25_C, unless otherwise specified)
1.0 E e min / E e - Rel. Responsitivity 100.0 Ee min - Threshold Irradiance (mW/m 2 )
0.8
f = fo 10.0 10 kHz 1 kHz 1.0
0.6
0.4 0.2 0.0 0.7 0.8 0.9 1.0 1.1 1.2 1.3
f = f0"5% Df ( 3dB ) = f0/7
100 Hz 0.1 0.1 1.0 10.0 100.0 1000.0 DVsRMS - AC Voltage on DC Supply Voltage (mV)
94 9102
f/f0 - Relative Frequency
96 12215
Figure 1. Frequency Dependence of Responsivity
E e min - Threshold Irradiance (mW/m2 ) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.01 0.10 1.00 10.00 100.00 Ambient, l = 950 nm Correlation with ambient light sources (Disturbanceeffect):10W/m2^1.4klx (Stand.illum.A,T=2855K)^8.2klx (Daylight,T=5900K)
Figure 4. Sensitivity vs. Supply Voltage Disturbances
E e min - Threshold Irradiance (mW/m2 ) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 2.5
96 12216
Sensitivity in dark ambient
3.0
3.5
4.0
4.5
5.0
5.5
6.0
96 12214
E - DC Irradiance (W/m2)
VS - Supply Voltage ( V )
Figure 2. Sensitivity in Bright Ambient
Ee Ee min - Threshold Irradiance ( mW/m2 ) 2.0 f(E)=f0 1.6
Figure 5. Sensitivity vs. Supply Voltage
Optical Test Signal
600 ms 1.2 0.8 0.4 0.0 0.0 0.4 0.8 1.2 1.6 2.0 VOL Ton VO VOH
*)
600 ms TD*) Trep=100 ms
t
Trep-TD > 25 ms is recommended for optimal function Output Signal, ( see Fig.7 )
9612218
94 8147
E - Field Strength of Disturbance ( kV/m )
Toff
t
Figure 3. Sensitivity vs. Electric Field Disturbances
Figure 6. Output Function
www.vishay.com 4 (7)
Document Number 82103 Rev. 3, 03-May-02
TSOP18..UH3V
Vishay Semiconductors
0.8 Ton ,T - Output Pulse Length (ms) off 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.1
16043
Ton Is - Supply Current ( mA )
Toff
1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 2.5
Supply current in dark ambient
1.0
10.0
100.0
1000.0 10000.0
96 12222
3.0
Ee - Irradiance (mW/m2)
3.5 4.0 4.5 5.0 5.5 VS - Supply Voltage ( V )
6.0
Figure 7. Output Pulse Diagram
S ( l )rel - Relative Spectral Sensitivity 1.0 0.9 Is - Supply Current ( mA ) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -30 -15 0 15 30 45 60 75 Tamb - Ambient Temperature ( C ) 90 Vs = 3 V
Figure 10. Supply Current vs. Supply Voltage
1.2 1.0 0.8 0.6 0.4 0.2 0 750
94 8408
850
950
1050
1150
16044
l - Wavelength ( nm )
Figure 8. Supply Current vs. Ambient Temperature
E e min - Threshold Irradiance (mW/m2 ) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 90 Sensitivity in dark ambient
Figure 11. Relative Spectral Sensitivity vs. Wavelength
0 10 20 30
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
96 12223p2
0.0 -30 -15 0 15 30 45 60 75 96 12221 Tamb - Ambient Temperature ( C )
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
Figure 9. Sensitivity vs. Ambient Temperature
Figure 12. Directivity
Document Number 82103 Rev. 3, 03-May-02
www.vishay.com 5 (7)
TSOP18..UH3V
Vishay Semiconductors Dimensions in mm
14433
www.vishay.com 6 (7)
Document Number 82103 Rev. 3, 03-May-02
TSOP18..UH3V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 82103 Rev. 3, 03-May-02
www.vishay.com 7 (7)


▲Up To Search▲   

 
Price & Availability of TSOP18UH3V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X